Part Number Hot Search : 
BU407 03515 60QC03L SC9153A 000WD MMSZ5242 HBO2510W SUR544J
Product Description
Full Text Search
 

To Download C1048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C1048
Product Description
REV
C
DDS - EP13 - Designed for use with Level One LXT400 and LXT441 Transceiver
EIA date code and lot code Terminal #1 indicator
A
Component must insert fully to surface A 1
[12.70 MAX] .500 MAX
COEV C1048
10.16 .400
[13.97 MAX] .550 MAX
2 3 4 5
10 9 8 7 6
[13.97 MAX] .550 MAX
.047 (10x)
[2.54 - 3.30] .100 - .130
.020 SQR (10x)
10 1
2.54 .100
PRI (LINE SIDE)
7 9
4 2
SEC (IC SIDE)
6 SCHEMATIC
Tolerances: Decimals .xx .01 Angles 0 30' .xxx .005
5
Primary units are in inches. Millimeters are in brackets.
Information subject to change without notice. 2/98
Electrical Specifications
Test Description
Primary Inductance: Leakage Inductance: Interwinding Capacitance: Reflects 135 ohms at PRI with SEC loaded with: "PRI" D.C. Resistance (@ 20 C): "SEC" D.C. Resistance (@ 20 C): Turns Ratio: Dielectric Withstand: Direct Current in Primary: Return Loss: Return Loss: Insertion Loss (@ 20 C): Frequency Response: Longitudinal Balance: Longitudinal Balance: Agency Approvals:
Limit 200 32.50 350 120 10.25 5.00 1CT : 1 1250 0 15 32 1.00 1.00 60 40
Tol min 10.5 max -- 10% 10% 1% --max typ typ max max min min
Units mH H pF --VRMS mA dB dB dB dB dB dB
Notes 1 kHz, 1.0 VAC, Ls, 10-6 tie 7+9 10 kHz, 500 mVAC, Ls, 10-6 tie 7+9, 1+5 & 4+2 10 kHz, 500 mVAC, Cs, 10-1 tie 7+9 & 4+2 10-6 (tie 7+9) 1-5 (tie 4+2) PRI : SEC PRI to SEC, 1 second test 100 Hz - 100 kHz @ 1 kHz @ 10 kHz 100 Hz - 112 kHz 200 Hz - 1 kHz 1 kHz - 112 kHz
The information contained in this drawing is the sole property of CoEv, Inc. Any reproduction in part or whole without the written permission of CoEv, Inc. is prohibited.
TEL 888-978-2638 - FAX 605-886-8995 - www.coev.net


▲Up To Search▲   

 
Price & Availability of C1048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X